Part Number Hot Search : 
XN06214 3A104 1601A 2SA794AR BZW04 2SA794AR FSA1256A MDC31051
Product Description
Full Text Search
 

To Download CWA2410S-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CW24 Series
* The newest family to the SSR range; Ratings from 10A to 125A @ 12-660 V AC * SCR output for heavy industrial loads * EMC Compliant for reliable operation in harsh environments * Removable IP 20 touch-safe cover * DBC substrate for superior thermal performance * LED input status indicator * AC or DC input * Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Description
3-32 VDC 90-280 Vrms 18-36 Vrms
10A
CWD2410 CWA2410 CWA2410E
25A
CWD2425 CWA2425 CWA2425E
50A
CWD2450 CWA2450 CWA2450E
90A
CWD2490 CWA2490 CWA2490E
125A
CWD24125 CWA24125 CWA24125E
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms](6) Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2) Maximum Load Current (3) [Arms] Minimum Load Current [Arms] Maximum Surge Current (16.6ms) [Apk] Maximum Surge Current (20ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case (Rjc) [C/W] Maximum I2 t for Fusing (8.3 msec) [A2 sec] Minimum Power Factor (with Maximum Load)
10A
24-280 600 1 500 10 0.15 400 380 1.3 0.35 660 0.5
25A
24-280 600 1 500 25 0.15 600 570 1.3 0.35 1500 0.5
50A
24-280 600 1 500 50 0.15 850 810 1.3 0.2 3000 0.5
90A
24-280 600 1 500 90 0.25 1350 1290 1.3 0.14 7560 0.5
125A
24-280 600 1 500 125 0.25 2000 1900 1.25 0.13 16600 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Minimum Turn-On Voltage Minimum Turn-Off Voltage Typical Input Current Nominal Input Impedance Maximum Turn-On Time [msec] (4)(5) Maximum Turn-Off Time [msec] (5)
CWD
3-32 VDC 3 VDC 1.0 VDC 10 mA @ 12 VDC See note 7 1/2 Cycle 1/2 Cycle
CWA
90-280 Vrms 90 Vrms 10 Vrms 6 mA @ 120 Vrms 14.2 K Ohms (8) 1/2 Cycle 1/2 Cycle
CWAxxxxE
18-36 Vrms 18 Vrms 2 Vrms 24 mA @ 24 Vrms 1.0 K Ohms 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 VDC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Encapsulation Terminals Max. Torque Max. Wire Size
Parameters
4000 Vrms 109 Ohm 8 pF -40 to 80 C -40 to 125 C 3.0 oz (86.5 g) Thermally conductive Epoxy Screw Type, Finger Proof Output: 8-32, Combo Drive Input: 6-32, Combo Drive Output: 20 in lb (2.2Nm) Input: 10 in lb (1.1Nm) Output:2 x AWG 8 (3.8mm) Input: 2 x AWG 12 (2.5mm)
GENERAL NOTES
1) All parameters at 25C unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, for derating c urves see page 2. 4) Turn-on time for random turn-on version is 0.02 msec. 5) Turn-on and turn-off time for AC input models is 50 ms. 6) 10mA for models with snubber. 7) Input circuit incorporates active current limiter. 8) 21.5K ohms for random turn-on version (-10 suffix).
MECHANICAL SPECIFICATIONS
EMC Compatibility Input: EN61000-4-2, Level 3 ESD EN61000-4-4, Level 3 Burst Output: EN61000-4-2, Level 3 ESD Level 4 ESD (with P option) EN61000-4-4, Level 3 Burst Level 4 Burst (with P option) EN61000-4-5, Level 4 Surge
THERMAL DERATE INFORMATION
AGENCY APPROVALS
UL E116949 CSA 1405925 VDE 40007242
Rev. 020509
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of CWA2410S-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X